Part Number Hot Search : 
70400 100NB CM1142 BAT54TS 020200 PJ13005 MAX38 PTM10
Product Description
Full Text Search
 

To Download SST32HF64A2-70-4E-L2SE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multi-Purpose Flash Plus + PSRAM ComboMemory
SST32HF64A2
SST32HF64A1 / 64B164Mb Flash + 4Mb SRAM, 32Mb Flash + 8Mb SRAM (x16) MCP ComboMemories
Preliminary Specifications
FEATURES:
* ComboMemories organized as: - SST32HF64A2: 4M x16 Flash + 1024K x16 PSRAM * Single 2.7-3.3V Read and Write Operations * Concurrent Operation - Read from or Write to PSRAM while Erase/Program Flash * Superior Reliability - Endurance: 100,000 Cycles (typical) - Greater than 100 years Data Retention * Low Power Consumption: - Active Current: 15 mA (typical) for Flash or PSRAM Read - Standby Current: 60 A (typical) * Flexible Erase Capability - Uniform 2 KWord sectors - Uniform 32 KWord size blocks * Erase-Suspend/Erase-Resume Capabilities * Security-ID Feature - SST: 128 bits; User: 128 bits * Fast Read Access Times: - Flash: 70 ns - PSRAM: 70 ns * Hardware Block-Protection/WP# Input Pin - Top Block-Protection (top 32 KWord) for SST32HF64A2 * Latched Address and Data for Flash * Flash Fast Erase and Word-Program: - Sector-Erase Time: 18 ms (typical) - Block-Erase Time: 18 ms (typical) - Chip-Erase Time: 40 ms (typical) - Word-Program Time: 7 s (typical) * Flash Automatic Erase and Program Timing - Internal VPP Generation * Flash End-of-Write Detection - Toggle Bit - Data# Polling * CMOS I/O Compatibility * JEDEC Standard Command Set * Package Available - 56-ball LFBGA (8mm x 10mm x 1.4mm) - 64-ball LFBGA (8mm x 10mm x 1.4mm) * All non-Pb (lead-free) devices are RoHS compliant
PRODUCT DESCRIPTION
The SST32HF64A2 ComboMemory device integrates a CMOS flash memory bank with a CMOS PseudoSRAM (PSRAM) memory bank in a Multi-Chip Package (MCP), manufactured with SST proprietary, high-performance SuperFlash technology. Featuring high-performance Word-Program, the flash memory bank provides a maximum Word-Program time of 7 sec. To protect against inadvertent flash write, the SST32HF64A2 device contains on-chip hardware and software data protection schemes. The SST32HF64A2 device offers a guaranteed endurance of 10,000 cycles, and data retention greater than 100 years. The SST32HF64A2 device consists of two independent memory banks, each with enable signals. The flash and PSRAM memory banks are superimposed in the same memory address space, and both banks share common address lines, data lines, WE# and OE#. The memory bank is selected using the memory bank enable signals. The PSRAM bank enable signal, BES1#, selects the PSRAM bank. The flash memory bank enable signal,
(c)2006 Silicon Storage Technology, Inc. S71299-02-000 11/06 1
BEF#, selects the flash memory bank. The WE# signal is used with the Software Data Protection (SDP) command sequence when controlling the Erase and Program operations in the flash memory bank. The SDP command sequence protects the data stored in the flash memory bank from accidental alteration. The SST32HF64A2 provides the added functionality of being able to simultaneously read from, or write to, the PSRAM bank while erasing or programming in the flash memory bank. The PSRAM memory bank can be read or written while the flash memory bank performs SectorErase, Bank-Erase, or Word-Program concurrently. All flash memory Erase and Program operations will automatically latch the input address and data signals and complete the operation in background without further input stimulus required. Once the internally controlled Erase or Program cycle in the flash bank commences, the PSRAM bank can be accessed for Read or Write.
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc. MPF+ and ComboMemory are trademarks of Silicon Storage Technology, Inc. These specifications are subject to change without notice.
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications The SST32HF64A2 device is suited for applications that use both flash memory and PSRAM memory to store code or data, and is ideal for systems requiring low power and small form factor. The SST32HF64A2 significantly improves performance and reliability, while lowering power consumption, when compared with multiple chip solutions. The total energy consumed is a function of the applied voltage, current, and time of application. Since for any given voltage range, the SuperFlash technology uses less current to program and has a shorter erase time, the total energy consumed during any Erase or Program operation is less than alternative flash technologies. The SuperFlash technology provides fixed Erase and Program times, independent of the number of Erase/Program cycles that have occurred. Therefore the system software or hardware does not have to be modified or de-rated as is necessary with alternative flash technologies, whose Erase and Program times increase with accumulated Erase/Program cycles. Concurrent Read/Write State Table
Flash Program/Erase Program/Erase PSRAM Read Write
The device will ignore all SDP commands when an Erase or Program operation is in progress. Note that Product Identification commands use SDP; therefore, these commands will also be ignored while an Erase or Program operation is in progress.
Flash Read Operation
The Read operation of the SST32HF64A2 is controlled by BEF# and OE#. Both have to be low, with WE# high, for the system to obtain data from the outputs. BEF# is used for flash memory bank selection. When BEF# is high, the chip is deselected and only standby power is consumed. OE# is the output control and is used to gate data from the output pins. The data bus is in high impedance state when OE# is high. Refer to Figure 7 for further details.
Device Operation
The SST32HF64A2 uses BES1#, BES2 and BEF# to control operation of either the flash or the PSRAM memory bank. When BEF# is low, the flash bank is activated for Read, Program or Erase operation. When BES1# is low and BES2 is high, the PSRAM is activated for Read and Write operation. BEF# and BES1# cannot be at low level, and BES2 cannot be at high level at the same time. If all bank enable signals are asserted, bus contention will result and the device may suffer permanent damage. All address, data, and control lines are shared by flash and PSRAM memory banks which minimizes power consumption and loading. The device goes into standby when BEF# and BES1# bank enables are raised to VIHC (Logic High) or when BEF# is high and BES2 is low.
Flash Word-Program Operation
The flash memory bank of the SST32HF64A2 is programmed on a word-by-word basis. Before Program operations, the memory must be erased first. The Program operation consists of three steps. 1. Load the three-byte sequence for Software Data Protection. 2. Load word address and word data. During the Word-Program operation, the addresses are latched on the falling edge of either BEF# or WE#, whichever occurs last. The data is latched on the rising edge of either BEF# or WE#, whichever occurs first. 3. Initiate the internal Program operation after the rising edge of the fourth WE# or BEF#, whichever occurs first. The Program operation, once initiated, will be completed, within 10 s. See Figures 8 and 9 for WE# and BEF# controlled Program operation timing diagrams, and Figure 23 for flowcharts. During the Program operation, the only valid flash Read operations are Data# Polling and Toggle Bit. During the internal Program operation, the host is free to perform additional tasks. During the command sequence, WP# should be statically held high or low. Any SDP commands loaded during the internal Program operation will be ignored.
Concurrent Read/Write Operation
The SST32HF64A2 provides the unique benefit of being able to read from or write to PSRAM, while simultaneously erasing or programming the flash. This allows data alteration code to be executed from PSRAM, while altering the data in flash. See Figure 28 for a flowchart. The following table lists all valid states.
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
2
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
Flash Sector/Block-Erase Operation
The SST32HF64A2 offers both Sector-Erase and BlockErase operations. The Flash Sector/Block-Erase operation erases the device on a sector-by-sector (or block-by-block) basis. The sector architecture is based on uniform sector size of 2 KWord. The Block-Erase mode is based on uniform block size of 32 KWord. Initiate the Sector-Erase operation by executing a six-byte command sequence with Sector-Erase command (50H) and sector address (SA) in the last bus cycle. The address lines AMS-A11 are used to determine the sector address. Initiate the Block-Erase operation by executing a six-byte command sequence with Block-Erase command (30H) and block address (BA) in the last bus cycle. The address lines AMS-A15 are used to determine the block address. The sector or block address is latched on the falling edge of the sixth WE# pulse, while the command (30H or 50H) is latched on the rising edge of the sixth WE# pulse. Erase operations begin after the sixth WE# pulse. The End-of-Erase operation can be determined using either Data# Polling or Toggle Bit methods. See Figures 13 and 14 for timing waveforms. Any commands issued during the Sector- or Block-Erase operation are ignored, WP# should be statically held high or low.
Flash Chip-Erase Operation
The SST32HF64A2 provides a Chip-Erase operation, which allows the user to erase the entire memory array to the `1' state. This is useful when the entire device must be quickly erased. Initiate the Chip-Erase operation executing a six- byte command sequence with Chip-Erase command (10H) at address 555H in the last byte sequence. The Erase operation begins with the rising edge of the sixth WE# or BEF#, whichever occurs first. During the Erase operation, the only valid read is Toggle Bit or Data# Polling. See Table 6 for the command sequence, Figure 11 for timing diagram, and Figure 27 for the flowchart. Any commands issued during the Chip-Erase operation are ignored.
Write Operation Status Detection
The SST32HF64A2 provides two software means to detect the completion of a write (Program or Erase) cycle, in order to optimize the system Write cycle time. The software detection includes two status bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The End-of-Write detection mode is enabled after the rising edge of WE#, which initiates the internal Program or Erase operation. The actual completion of the nonvolatile write is asynchronous with the system; therefore, either a Data# Polling or Toggle Bit read may be simultaneous with the completion of the Write cycle. If this occurs, the system may get an erroneous result, i.e., valid data may appear to conflict with either DQ7 or DQ6. To prevent spurious rejection, in the event of an erroneous result, the software routine must include a loop to read the accessed location an additional two (2) times. If both reads are valid, then the device has completed the Write cycle, otherwise the rejection is valid.
Erase-Suspend/Erase-Resume Commands
The Erase-Suspend operation temporarily suspends a Sector- or Block-Erase operation allowing data to be read from any memory location, or programed to any sector/ block that is not suspended for an Erase operation. Execute the operation by issuing a one byte command sequence with Erase-Suspend command (B0H). The device automatically enters read mode typically within 20 s after the Erase-Suspend command had been issued. Valid data can be read from any sector or block that is not suspended from an Erase operation. Reading at address location within erase-suspended sectors/blocks will output DQ2 toggling and DQ6 at `1'. While in Erase-Suspend mode, a Word-Program operation is allowed except for the sector or block selected for Erase-Suspend. To resume the Sector-Erase or Block-Erase operation which has been suspended, the system must issue the Erase Resume command. Execute the operation by issuing a one byte command sequence with Erase-Resume command (30H) at any address in the last Byte sequence.
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
3
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
Flash Data# Polling (DQ7)
When the SST32HF64A2 flash memory banks are in the internal Program operation, any attempt to read DQ7 will produce the complement of the true data. Once the Program operation is complete, DQ7 will produce true data. However, even though DQ7 may have valid data immediately following the completion of an internal Write operation, the remaining data outputs may still be invalid. Valid data on the entire data bus will appear in subsequent successive Read cycles after an interval of 1 s. During internal Erase operation, any attempt to read DQ7 will produce a `0'. Once the internal Erase operation is complete, DQ7 will produce a `1'. The Data# Polling is valid after the rising edge of the fourth WE# (or BEF#) pulse for Program operation. For Sector- or Block-Erase, the Data# Polling is valid after the rising edge of the sixth WE# (or BEF#) pulse. See Figure 10 for Data# Polling timing diagram and Figure 24 for a flowchart.
TABLE 1: Write Operation Status
Status
Normal Standard Operation Program Standard Erase EraseSuspend Mode Read from Erase-Suspended Sector/Block Read from Non- Erase-Suspended Sector/Block Program
DQ7
DQ7# 0 1
DQ6
Toggle Toggle 1
DQ2
No Toggle Toggle Toggle
Data
Data
Data
DQ7#
Toggle
N/A
T1.0 1299
Note: DQ7 and DQ2 require a valid address when reading status information.
Flash Memory Data Protection
The SST32HF64A2 flash memory bank provides both hardware and software features to protect nonvolatile data from inadvertent writes.
Toggle Bits (DQ6 and DQ2)
During the internal Program or Erase operation, any consecutive attempts to read DQ6 bit will alternate between `1' and `0'. When the internal Program or Erase operation is complete, the DQ6 bit will stop toggling. The device is then ready for the next operation. For Sector-, Block-, or Chip-Erase, the toggle bit (DQ6) is valid after the rising edge of sixth WE# (or BEF#) pulse. DQ6 will be set to `1' if a Read operation is attempted on an Erase-Suspended Sector/Block. If a Program operation is initiated in a sector/block not selected in Erase-Suspend mode, DQ6 will toggle. An additional Toggle Bit is available on DQ2, which is used in conjunction with DQ6 to check whether a particular sector is being actively erased or erase-suspended. Table 1 shows detailed status bits information. The Toggle Bit (DQ2) is valid after the rising edge of the last WE# (or BEF#) pulse of Write operation. See Figure 11 for Toggle Bit timing diagram and Figure 24 for a flowchart.
Flash Hardware Data Protection
Noise/Glitch Protection: A WE# or BEF# pulse of less than 5 ns will not initiate a Write cycle. VDD Power Up/Down Detection: The Write operation is inhibited when VDD is less than 1.5V. Write Inhibit Mode: Forcing OE# low, BEF# high, or WE# high will inhibit the flash Write operation. This prevents inadvertent writes during power-up or power-down.
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
4
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
Hardware Block Protection
The SST32HF64A2 supports top hardware block protection, which protects the top 32 KWord block of the device. The Boot Block address ranges are described in Table 2. Program and Erase operations are prevented on the 32 KWord when WP# is low. If WP# is left floating, it is internally held high via a pull-up resistor, and the Boot Block is unprotected, enabling Program and Erase operations on that block. TABLE 2: Boot Block Address Ranges
Product Top Boot Block SST32HF64A2 3F8000H-3FFFFFH
T2.0 1299
PSRAM Deep Power-down Mode
The PSRAM Deep Power-down Mode is used to lower the power consumption of the PSRAM in the SST32HF64A2. Deep Power-down occurs 1 s after being enabled by driving BES2 low. Normal operation occurs 500 s after driving BES2 high. In Deep Power-down mode, PSRAM data is lost. See Figure 22 for the state diagram.
PSRAM Read
The PSRAM Read operation of the SST32HF64A2 is controlled by OE# and BES1#, both have to be low with WE# and BES2 high for the system to obtain data from the outputs. OE# is the output control and is used to gate data from the output pins. The data bus is in high impedance state when OE# is high. Refer to the Read cycle timing diagram, Figure 4, for further details.
Address Range
Hardware Reset (RST#)
The RST# pin provides a hardware method of resetting the device to read array data. When the RST# pin is held low for at least TRP, any in-progress operation will terminate and return to Read mode. When no internal Program/Erase operation is in progress, a minimum period of TRHR is required after RST# is driven high before a valid Read can take place (see Figure 18). The Erase or Program operation that has been interrupted needs to be reinitiated after the device resumes normal operation mode to ensure data integrity.
PSRAM Write
The PSRAM Write operation of the SST32HF64A2 is controlled by WE# and BES1#, both have to be low, BES2 must be high for the system to write to the PSRAM. During the Word-Write operation, the addresses and data are referenced to the rising edge of either BES1# or WE#, whichever occurs first. The write time is measured from the last falling edge of BES1# or WE# to the first rising edge of BES1# or WE#. Refer to the Write cycle timing diagrams, Figures 5 and 6, for further details.
Flash Software Data Protection (SDP)
The SST32HF64A2 provides the JEDEC approved software data protection scheme for all flash memory bank data-alteration operations, i.e., Program and Erase. Any Program operation requires a three-byte sequence series. Using the three byte-load sequence to initiate the Program operation, provides optimal protection from inadvertent Write operations, e.g., during the system power-up or power-down. Any Erase operation requires a six-byte load sequence. The SST32HF64A2 devices are shipped with the software data protection permanently enabled. See Table 6 for the specific software command codes. During SDP command sequence, invalid commands will abort the device to Read mode, within TRC. The contents of DQ15-DQ8 can be VIL or VIH, but no other value, during any SDP command sequence.
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
5
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
Product Identification
The Product Identification mode identifies the device as the SST32HF64A2 and manufacturer as SST. This mode is accessed by software operations only. The hardware device ID Read operation, which is typically used by programmers, cannot be used on this device because of the shared lines between flash and PSRAM in the multi-chip package. Therefore, application of high voltage to pin A9 may damage this device. Use the software Product Identification operation to identify the part (i.e., using the device ID) when using multiple manufacturers in the same socket. For details, see Tables 5 and 6 for software operation, Figure 15 for the software ID entry and read timing diagram and Figure 25 for the ID entry command sequence flowchart. TABLE 3: Product Identification
Address Manufacturer's ID Device ID SST32HF64A2 0001H 236CH
T3.0 1299
gram Lock-Out. This disables any future corruption of this space. Regardless of whether or not the Sec ID is locked, neither Sec ID segment can be erased. The Secure ID space can be queried by executing a threebyte command sequence with Enter Sec ID command (88H) at address 555H in the last byte sequence. To exit this mode, the Exit Sec ID command should be executed. Refer to Table 6 for more details.
Design Considerations
SST recommends a high frequency 0.1 F ceramic capacitor to be placed as close as possible between VDD and VSS, e.g., less than 1 cm away from the VDD pin of the device. Additionally, a low frequency 4.7 F electrolytic capacitor from VDD to VSS should be placed within 1 cm of the VDD pin.
Data BFH
0000H
Product Identification Mode Exit/Reset
To return to the standard read mode, the Software Product Identification mode must be exited. Exit by issuing the Exit ID command sequence which returns the device to the Read operation. However, the software reset command is ignored during an internal Program or Erase operation. This command may also be used to reset the device to Read mode after any inadvertent transient condition that apparently causes the device to behave abnormally, e.g. not read correctly. See Table 6 for software command codes, Figure 16 for timing waveform and Figure 25 for a flowchart.
Security ID
The SST32HF64A2 device offers a 256-bit Security ID space. The Secure ID space is divided into two 128-bit segments - one factory programmed segment and one user programmed segment. The first segment is programmed and locked at SST with a random 128-bit number. The user segment is left un-programmed for the customer to program as desired. Use the Security ID Word-Program to program the user segment of the Security ID. To detect end-of-write for the SEC ID, read the toggle bits, not Data# Polling. Once this is complete, the Sec ID is locked using the User Sec ID Pro-
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
6
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
FUNCTIONAL BLOCK DIAGRAM
Address Buffers
PSRAM
UBS# LBS# BES1# BES2 BEF# OE#1 WE#1 WP# RESET#
Control Logic I/O Buffers
AMS-A0
DQ15 - DQ8 DQ7 - DQ0
Address Buffers & Latches
SuperFlash Memory
Note: 1. For LS package only: WE# = WEF# and/or WES# OE # = OEF# and/or OES#
1299 B1.0
FIGURE 1: Functional Block Diagram
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
7
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
PIN DESCRIPTION
TOP VIEW (balls facing down)
8
NC A20 A16 A11 A8 A15 A10 A21 A14 A9 A13
7 6
WEF# NC
A12 VSSF NC
NC
DQ15 WES# DQ14 DQ7 DQ13 DQ6 DQ4 DQ5 DQ12 BES2 VDDS VDDF DQ10 DQ2 DQ3 DQ9 DQ8 DQ0 DQ1
5 4 3
LBS# UBS# OES# VSSS RST# NC WP# NC A19 DQ11
2 1
NC
A18 NC
A17 A5
A7 A4
A6 A0
A3
A2
A1 BES1# NC
BEF# VSSF OEF# NC
ABCDEFGHJK
1299 64-lfbga L2S P2.0
FIGURE 2: Pin Assignments for 64-ball LFBGA (8mm x 10mm)
TOP VIEW (balls facing down)
8 7
A11 A15 A12 A19 A21 A13 A9 NC A14 A10 A16 NC VSS NC DQ15 DQ7 DQ14 DQ6 DQ13 DQ12 DQ5 DQ4 VDDS NC DQ3 VDDF DQ11 A17 A4 A1 DQ1 DQ9 DQ10 DQ2 VSS OE# DQ0 DQ8 A0 BEF# BES1#
6
A8
5
WE# BES2 A20
4
WP# RST# NC
3
LBS# UBS# A18
2
A7 A6 A3 A5 A2
1
ABCDEFGHJK
1299 56-lfbga L1S P3.0
FIGURE 3: Pin Assignments for 56-ball LFBGA (8mm x 10mm)
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
8
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications TABLE 4: Pin Description
Symbol AMS1 to A0 DQ15-DQ0 Pin Name Address Inputs Data Inputs/Outputs Functions To provide flash address, A21-A0. To provide PSRAM address, A19-A0 To output data during Read cycles and receive input data during Write cycles. Data is internally latched during a flash Erase/Program cycle. The outputs are in tri-state when OE# is high or BES1# is high or BES2 is low and BEF# is high. To activate the Flash memory bank when BEF# is low To activate the PSRAM memory deep power-down mode when BES2 is VIL To gate the data output buffers for Flash only To gate the data output buffers for PSRAM only To control the Write operations for Flash only To control the Write operations for PSRAM only To gate the data output buffers To control the Write operations To enable DQ15-DQ8 To enable DQ7-DQ0 To protect and unprotect sectors from Erase or Program operation To Reset and return the device to Read mode Flash only2 PSRAM only2 2.7-3.3V Power Supply to Flash only 2.7-3.3V Power Supply to PSRAM only Unconnected pins
T4.0 1299
AMSS1 to A0 Address Inputs
BEF# BES1# BES2 OEF#2 OES#2 WEF#2 WES#2 OE# WE# UBS# LBS# WP# RST# VSSF2 VSSS VSS
2
Flash Memory Bank Enable PSRAM Deep Power-down Enable Output Enable Output Enable Write Enable Write Enable Output Enable Write Enable Upper Byte Control (PSRAM) Lower Byte Control (PSRAM) Write Protect Reset Ground Ground Ground Power Supply (Flash) Power Supply (PSRAM) No Connection
PSRAM Memory Bank Enable To activate the PSRAM memory bank when BES1# is low
VDDF VDDS
NC
1. AMS = Most Significant Flash Address AMSS = Most Significant PSRAM Address 2. For L2S package only
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
9
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications TABLE 5: Operational Modes Selection1
Mode Full Standby PSRAM Deep Power-down4 Output Disable Flash Read Flash Write Flash Erase PSRAM Read BEF#2 VIH VIH VIH VIL VIL VIL VIL VIH BES1#2 VIH VIL VIL VIH VIH VIH VIH VIL BES2 VIH VIL VIH VIH VIH VIH VIH VIH OE#3 X X VIH VIH VIL VIH VIH VIL WE#3 X X VIH VIH VIH VIL VIL VIH LBS# X X X X X X X VIL VIH VIL PSRAM Write VIH VIL VIH X VIL VIL VIH VIL Product Identification5 VIL VIH VIH VIL VIH X UBS# X X X X X X X VIL VIL VIH VIL VIL VIH X DQ7-0 HIGH-Z HIGH-Z HIGH-Z HIGH-Z DOUT DIN X DOUT HIGH-Z DOUT DIN HIGH-Z DIN DQ15-8 HIGH-Z HIGH-Z HIGH-Z HIGH-Z DOUT DIN X DOUT DOUT HIGH-Z DIN DIN HIGH-Z
Manufacturer's ID6 Device ID6
T5.0 1299
1. X can be VIL or VIH, but no other value. 2. For SST32HF64A2, to avoid bus contention do not apply BEF# = VIL and BES1# = VIL at the same time 3. OE# = OEF# and OES# WE# = WEF# and WES# 4. In PSRAM Deep power-down, PSRAM data is lost. 5. Software mode only 6. With A21-A1 = 0; SST Manufacturer's ID = 00BFH, is read with A0=0, SST32HF64A2 Device ID = 236CH, is read with A0=1.
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
10
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications TABLE 6: Software Command Sequence
Command Sequence
Word-Program Sector-Erase Block-Erase Chip-Erase Erase-Suspend Erase-Resume Query Sec ID5
1st Bus Write Cycle Addr1 555H 555H 555H 555H XXXXH XXXXH 555H 555H 555H 555H 555H XXH Data2 AAH AAH AAH AAH B0H 30H AAH AAH AAH AAH AAH F0H
2nd Bus Write Cycle Addr1 2AAH 2AAH 2AAH 2AAH Data2 55H 55H 55H 55H
3rd Bus Write Cycle Addr1 555H 555H 555H 555H Data2 A0H 80H 80H 80H
4th Bus Write Cycle Addr1 WA3 555H 555H 555H Data2 Data AAH AAH AAH
5th Bus Write Cycle Addr1 2AAH 2AAH 2AAH Data2 55H 55H 55H
6th Bus Write Cycle Addr1 SAX4 BAX
4
Data2 50H 30H 10H
555H
2AAH 2AAH 2AAH 2AAH 2AAH
55H 55H 55H 55H 55H
555H 555H 555H 555H 555H
88H A5H 85H 90H F0H WA6 XXH6 Data 0000H
User Security ID Word-Program User Security ID Program Lock-Out Software ID Entry7,8 Software ID /Sec ID Exit Exit9,10
Software ID Exit9,10 /Sec ID Exit
T6.0 1299
1. Address format A11-A0 (Hex). Addresses A12-A21 can be VIL or VIH, but no other value, for Command sequence for SST32HF64A2. 2. DQ15-DQ8 can be VIL or VIH, but no other value, for Command sequence 3. WA = Program Word address 4. SAX for Sector-Erase; uses AMS-A11 address lines BAX, for Block-Erase; uses AMS-A15 address lines AMS = Most significant address AMS = A21 for SST32HF64A2. 5. With AMS-A4 = 0; Sec ID is read with A3-A0, SST ID is read with A3 = 0 (Address range = 000000H to 000007H), User ID is read with A3 = 1 (Address range = 000010H to 000017H). Lock Status is read with A7-A0 = 0000FFH. Unlocked: DQ3 = 1 / Locked: DQ3 = 0. 6. Valid Word-Addresses for Sec ID are from 000000H-000007H and 000010H-000017H. 7. The device does not remain in Software Product ID Mode if powered down. 8. With AMS-A1 =0; SST Manufacturer ID = 00BFH, is read with A0 = 0, SST32HF64A2 Device ID = 236CH, is read with A0=1. AMS = Most significant address AMS = A21 for SST32HF64A2. 9. Both Software ID Exit operations are equivalent 10. If users never lock after programming, Sec ID can be programmed over the previously unprogrammed bits (data=1) using the Sec ID mode again (the programmed "0" bits cannot be reversed to "1"). Valid Word-Addresses for Sec ID are from 000000H-000007H and 000010H-000017H.
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
11
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications Absolute Maximum Stress Ratings (Applied conditions greater than those listed under "Absolute Maximum Stress Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.) Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20C to +85C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V to VDD1+0.3V Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to VDD1+1.0V Package Power Dissipation Capability (TA = 25C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260C for 10 seconds Output Short Circuit Current2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. VDD = VDDF and VDDS 2. Outputs shorted for no more than one second. No more than one output shorted at a time.
Operating Range
Range Extended Ambient Temp -20C to +85C VDD 2.7-3.3V
AC Conditions of Test
Input Rise/Fall Time . . . . . . . . . . . . . . 5 ns Output Load . . . . . . . . . . . . . . . . . . . . CL = 30 pF See Figures 20 and 21
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
12
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications TABLE 7: DC Operating Characteristics (VDD = VDDF and VDDS = 2.7-3.3V)
Limits Symbol IDD Parameter Active VDD Current Read Flash PSRAM Concurrent Operation Write1 Flash PSRAM ISB ISBP IRT ILI ILO VIL VILC VIH VIHC VOLF VOHF VOLS VOHS Standby VDD Current Deep Power Down: PSRAM Reset VDD Current Input Leakage Current Output Leakage Current Input Low Voltage Input Low Voltage (CMOS) Input High Voltage Input High Voltage (CMOS) Flash Output Low Voltage Flash Output High Voltage PSRAM Output Low Voltage PSRAM Output High Voltage 2.2 0.7 VDD 35 30 135 10 30 1 10 0.8 0.2 mA mA A A A A A V V V V 0.2 V V 0.4 V V 18 30 40 mA mA mA Min Max Units Test Conditions Address input = VILT/VIHT, at f=5 MHz, VDD=VDD Max, all DQs open OE#=VIL, WE#=VIH BEF#=VIL, BES1#=VIH, or BES2=VIL BEF#=VIH, BES1#=VIL , BES2=VIH BEF#=VIH, BES1#=VIL , BES2=VIH WE#=VIL BEF#=VIL, BES1#=VIH, or BES2=VIL, OE#=VIH BEF#=VIH, BES1#=VIL , BES2=VIH VDD = VDD Max, BEF#=BES1#=VIHC, BES2=VIHC BES2=VILC, BEF#=VIHC Reset=VSS0.3V VIN=GND to VDD, VDD=VDD Max VOUT=GND to VDD, VDD=VDD Max VDD=VDD Min VDD=VDD Max VDD=VDD Max VDD=VDD Max IOL=100 A, VDD=VDD Min IOH=-100 A, VDD=VDD Min IOL =1 mA, VDD=VDD Min IOL =-500 A, VDD=VDD Min
T7.0 1299
VDD-0.3 VDD-0.2
1. IDD active while Erase or Program is in progress.
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
13
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications TABLE 8: Recommended System Power-up Timings
Symbol TPU-READ1 TPU-WRITE
1
Parameter Power-up to Read Operation Power-up to Program/Erase Operation
Minimum 100 100
Units s s
T8.0 1299
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 9: Capacitance (TA = 25C, f=1 Mhz, other pins open)
Parameter CI/O1 CIN
1
Description I/O Pin Capacitance Input Capacitance
Test Condition VI/O = 0V VIN = 0V
Maximum 12 pF 12 pF
T9.0 1299
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 10: Flash Reliability Characteristics
Symbol NEND TDR1 ILTH1
1
Parameter Endurance Data Retention Latch Up
Minimum Specification 10,000 100 100 + IDD
Units Cycles Years mA
Test Method JEDEC Standard A117 JEDEC Standard A103 JEDEC Standard 78
T10.0 1299
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
14
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
AC CHARACTERISTICS
TABLE 11: PSRAM Read Cycle Timing Parameters
Symbol TRCS TAAS TBES TOES TBYES TBLZS1 TOLZS1 TBYLZS1 TBHZS
1
Parameter Read Cycle Time Address Access Time Bank Enable Access Time Output Enable Access Time UBS#, LBS# Access Time BES1# to Active Output Output Enable to Active Output UBS#, LBS# to Active Output BES1# to High-Z Output Output Disable to High-Z Output
Min 70
Max 70 70 35 70
Units ns ns ns ns ns ns ns ns
0 0 0 25 0 10 25 35
ns ns ns ns
T11.0 1299
TOHZS1 TBYHZS TOHS
1
UBS#, LBS# to High-Z Output Output Hold from Address Change
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 12: PSRAM Write Cycle Timing Parameters
Symbol TWCS TBWS TAWS TASTS TWPS TWRS TBYWS TODWS TOEWS TDSS TDHS Parameter Write Cycle Time Bank Enable to End-of-Write Address Valid to End-of-Write Address Set-up Time Write Pulse Width Write Recovery Time UBS#, LBS# to End-of-Write Output Disable from WE# Low Output Enable from WE# High Data Set-up Time Data Hold from Write Time 0 30 0 Min 70 60 60 0 60 0 60 30 Max Units ns ns ns ns ns ns ns ns ns ns ns
T12.0 1299
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
15
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications TABLE 13: Flash Read Cycle Timing Parameters VDD = 2.7-3.6V
Symbol TRC TCE TAA TOE TCLZ1 TOLZ1 TCHZ1 TOHZ1 TOH1 TRP TRY
1
Parameter Read Cycle Time Chip Enable Access Time Address Access Time Output Enable Access Time BEF# Low to Active Output OE# Low to Active Output BEF# High to High-Z Output OE# High to High-Z Output Output Hold from Address Change RST# Pulse Width RST# High before Read RST# Pin Low to Read Mode
Min 70
Max 70 70 35
Units ns ns ns ns ns ns
0 0 20 20 0 500 50 20
ns ns ns ns ns s
T13.0 1299
TRHR1
1,2
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter. 2. This parameter applies to Sector-Erase, Block-Erase and Program operations. This parameter does not apply to Chip-Erase operations.
TABLE 14: Flash Program/Erase Cycle Timing Parameters
Symbol TBP TAS TAH TCS TCH TOES TOEH TCP TWP TWPH1 TCPH1 TDS TDH1 TIDA TSE TBE TSCE
1
Parameter Word-Program Time Address Setup Time Address Hold Time WE# and BEF# Setup Time WE# and BEF# Hold Time OE# High Setup Time OE# High Hold Time BEF# Pulse Width WE# Pulse Width WE# Pulse Width High BEF# Pulse Width High Data Setup Time Data Hold Time Software ID Access and Exit Time Sector-Erase Block-Erase Chip-Erase
Min 0 30 0 0 0 10 40 40 30 30 30 0
Max 10
Units s ns ns ns ns ns ns ns ns ns ns ns ns
150 25 25 50
ns ms ms ms
T14.0 1299
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
16
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
TRCS ADDRESSES AMSS-0 TAAS TBES BES1# TBLZS TOES OE# TOLZS TBYES UBS#, LBS# TBYLZS DQ15-0 DATA VALID
1299 F03b.0
TOHS
TBHZS
TOHZS
TBYHZS
Note: AMSS = Most Significant PSRAM Address AMSS = A19 for SST32HF64A2
FIGURE 4: PSRAM Read Cycle Timing Diagram for SST32HF64A2
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
17
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
TWCS ADDRESSES AMSS3-0 TASTS TWPS TWRS
WE# TAWS TBWS BES1# TBYWS UBS#, LBS# TODWS TDSS DQ15-8, DQ7-0 NOTE 2 TOEWS TDHS NOTE 2
1299 F04b.0
VALID DATA IN
Note: 1. If OE# is High during the Write cycle, the outputs will remain at high impedance. 2. If BES1# goes Low coincident with or after WE# goes Low, the output will remain at high impedance. If BES1# goes High coincident with or before WE# goes High, the output will remain at high impedance. Because DIN signals may be in the output state at this time, input signals of reverse polarity must not be applied. 3. AMSS = Most Significant PSRAM Address AMSS = A19 for SST32HF64A2
FIGURE 5: PSRAM Write Cycle Timing Diagram for SST32HF64A2 (WE# Controlled)1
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
18
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
TWCS ADDRESSES AMSS3-0 TWPS WE# TWRS
TBWS BES1#
BES2 TBWS TAWS TASTS UBS#, LBS# TDSS DQ15-8, DQ7-0 TDHS NOTE 2
1299 F05.0
TBYWS
NOTE 2
VALID DATA IN
Note: 1. If OE# is High during the Write cycle, the outputs will remain at high impedance. 2. Because DIN signals may be in the output state at this time, input signals of reverse polarity must not be applied. 3. AMSS = Most Significant PSRAM Address AMSS = A19 for SST32HF64A2
FIGURE 6: PSRAM Write Cycle Timing Diagram (UBS#, LBS# Controlled)1
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
19
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
TRC ADDRESS AMS-0 TCE BEF# TOE OE# VIH WE# TCLZ DQ15-0 HIGH-Z TOH TOLZ
TAA
TOHZ TCHZ HIGH-Z
1299 F06.0
DATA VALID
DATA VALID
Note: AMS = Most Significant Flash Address AMS = A21 for SST32HF64A2
FIGURE 7: Flash Read Cycle Timing Diagram
INTERNAL PROGRAM OPERATION STARTS TBP ADDRESS AMS-0 555 TAH TWP WE# TAS OE# TCH BEF# TCS DQ15-0 XXAA SW0 XX55 SW1 XXA0 SW2 DATA WORD (ADDR/DATA)
1299 F07.0
2AA
555
ADDR TDH
TWPH
TDS
Note: AMS = Most Significant Flash Address AMS = A21 for SST32HF64A2 WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value
FIGURE 8: Flash WE# Controlled Program Cycle Timing Diagram
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
20
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
INTERNAL PROGRAM OPERATION STARTS TBP ADDRESS AMS-0 555 TAH TCP BEF# TAS OE# TCH WE# TCS DQ15-0 XXAA SW0 XX55 SW1 XXA0 SW2 DATA WORD (ADDR/DATA)
1299 F08.0
2AA
555
ADDR TDH
TCPH
TDS
Note: AMS = Most Significant Flash Address AMS = A21 for SST32HF64A2 WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value
FIGURE 9: BEF# Controlled Flash Program Cycle Timing Diagram
ADDRESSES AMSF-0 TCE BEF# TOEH OE# TOE WE# TOES
DQ7
Data
Data#
Data#
Data
1299 F09.0
Note: AMS = Most Significant Flash Address AMS = A21 for SST32HF64A2
FIGURE 10: Flash Data# Polling Timing Diagram
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
21
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
ADDRESSES AMSF-0 TCE BEF# TOEH OE# TOE TOES
WE#
DQ6 and DQ2
TWO READ CYCLES WITH SAME OUTPUTS 1299 F10.0
Note: AMS = Most Significant Flash Address AMS = A21 for SST32HF64A2
FIGURE 11: Flash Toggle Bit Timing Diagram
SIX-BYTE CODE FOR CHIP-ERASE 555 2AA 555 555 2AA 555
TSCE
ADDRESS AMS-0
BEF#
OE# TWP WE#
DQ15-0
XXAA SW0
XX55 SW1
XX80 SW2
XXAA SW3
XX55 SW4
XX10 SW5
1299 F11.0
Note: AMS = Most Significant Flash Address AMS = A21 for SST32HF64A2 WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence This device also supports BEF# controlled Chip-Erase operation. The WE# and BEF# signals are interchangeable as long as minimum timings are meet. (See Table 14) X can be VIL or VIH, but no other value.
FIGURE 12: WE# Controlled Flash Chip-Erase Timing Diagram
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
22
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
SIX-BYTE CODE FOR BLOCK-ERASE ADDRESS AMS-0 555 2AA 555 555 2AA BAX
TBE
BEF#
OE# TWP WE#
DQ15-0
XXAA SW0
XX55 SW1
XX80 SW2
XXAA SW3
XX55 SW4
XX50 SW5
1299 F12.0
Note: AMS = Most Significant Flash Address AMS = A21 for SST32HF64A2 This device also supports BEF# controlled Block-Erase operation. The WE# and BEF# signals are interchangeable as long as minimum timings are meet. (See Table 14.) BAX = Block Address WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value.
FIGURE 13: WE# Controlled Flash Block-Erase Timing Diagram
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
23
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
SIX-BYTE CODE FOR SECTOR-ERASE ADDRESS AMS-0 555 2AA 555 555 2AA SAX
TSE
BEF#
OE# TWP WE#
DQ15-0
XXAA SW0
XX55 SW1
XX80 SW2
XXAA SW3
XX55 SW4
XX30 SW5
1299 F13.0
Note: AMS = Most Significant Flash Address AMS = A21 for SST32HF64A2 This device also supports BEF# controlled Sector-Erase operation. The WE# and BEF# signals are interchangeable as long as minimum timings are meet. (See Table 14.) SAX = Sector Address WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value.
FIGURE 14: WE# Controlled Flash Sector-Erase Timing Diagram
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
24
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
THREE-WORD SEQUENCE FOR SOFTWARE ID ENTRY ADDRESS A14-0 555 2AA 555 0000 0001
BEF#
OE# TWP WE# TWPH DQ15-0 XXAA SW0 XX55 SW1 XX90 SW2 TAA 00BF MFG ID DEVICE ID
1299 F14.0
TIDA
Note: X can be VIL or VIH, but no other value. Device ID - See Table 3 on page 6
FIGURE 15: Software ID Entry and Read
THREE-WORD SEQUENCE FOR SOFTWARE ID EXIT AND RESET
ADDRESS A14-0
555
2AA
555
DQ15-0
XXAA
XX55
XXF0 TIDA
BEF#
OE# TWP TWHP WE# SW0 SW1 SW2
1299 F15.0
Note: X can be VIL or VIH, but no other value.
FIGURE 16: Software ID Exit and Reset
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
25
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
THREE-BYTE SEQUENCE FOR SEC ID ENTRY ADDRESS AMSF-0 555 2AA 555
BEF#
OE# TWP WE# TWPH DQ15-0 XXAA SW0 XX55 SW1 XX88 SW2
1299 F16.0
TIDA
TAA
Note: AMS = Most Significant Flash Address AMS = A21 for SST32HF64A2 WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence. X can be VIL or VIH, but no other value.
FIGURE 17: Flash Sec ID Entry
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
26
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
RST#
TRP
BEF#/OE# TRHR
1299 F17.0
FIGURE 18: RST# Timing Diagram (When no internal operation is in progress)
TRP RST# TRY BEF#/OE# End-of-Write Detection (Toggle-Bit)
1299 F18.0
FIGURE 19: RST# Timing Diagram (During Program or Erase operation)
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
27
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
VIHT
INPUT?
VIT
REFERENCE POINTS
VOT
OUTPUT
VILT
1299 F19.0
AC test inputs are driven at VIHT (0.9 VDD) for a logic "1" and VILT (0.1 VDD) for a logic "0". Measurement reference points for inputs and outputs are VIT (0.5 VDD) and VOT (0.5 VDD). Input rise and fall times (10% 90%) are <5 ns.
Note: VIT - VINPUT Test VOT - VOUTPUT Test VIHT - VINPUT HIGH Test VILT - VINPUT LOW Test
FIGURE 20: AC Input/Output Reference Waveforms
TO TESTER
TO DUT CL
1299 F20.0
FIGURE 21: A Test Load Example
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
28
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
Power on
Power-up Sequence BES1# = VIH or VIL, BES2 = VIH
Initial State (Wait 200 s)
Active
BES1# = VIH or VIL, BES2 = VIH Deep Power-down Exit Sequence BES2 = VIL BES1# = VIL, BES2 = VIH, UBS# & LBS# and/or LBS# = VIL
BES2 = VIH, LBS# = VIH, BES1# = VIH or UBS#
Deep Power-down Mode
BES2 = VIL
Standby Mode
1299 DPDFlwCht.0
FIGURE 22: Deep Power-Down State Diagram
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
29
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
Start
Write data: XXAAH Address: 555H
Write data: XX55H Address: 2AAH
Write data: XXA0H Address: 555H
Write Word Address/Word Data
Wait for end of Program (TBP, Data# Polling bit, or Toggle bit operation) Program Completed
1299 F21.0
Note: X can be VIL or VIH, but no other value
FIGURE 23: Word-Program Algorithm
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
30
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
Internal Timer Program/Erase Initiated
Toggle Bit Program/Erase Initiated
Data# Polling Program/Erase Initiated
Wait TBP, TSCE, or TBE
Read word
Read DQ7
Program/Erase Completed
Read same word
No
Is DQ7 = true data? Yes
No
Does DQ6 match? Yes
Program/Erase Completed
Program/Erase Completed
1299 F22.0
FIGURE 24: Wait Options
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
31
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
Sec ID Query Entry Command Sequence
Software Product ID Entry Command Sequence Load data: XXAAH Address: 555H
Load data: XXAAH Address: 555H
Load data: XX55H Address: 2AAH
Load data: XX55H Address: 2AAH
Load data: XX88H Address: 555H
Load data: XX90H Address: 555H
Wait TIDA
Wait TIDA
Read Sec ID
Read Software ID
1299 F23.0
X can be VIL or VIH, but no other value
FIGURE 25: Sec ID/Software ID Command Flowcharts
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
32
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
Software ID Exit/Sec ID Exit Command Sequence
Load data: XXAAH Address: 555H
Load data: XXF0H Address: XXH
Load data: XX55H Address: 2AAH
Wait TIDA
Load data: XXF0H Address: 555H
Return to normal operation
Wait TIDA
Return to normal operation
X can be VIL or VIH, but no other value
1299 F24.0
FIGURE 26: Software ID/Sec ID Command Flowcharts
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
33
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
Chip-Erase Command Sequence Load data: XXAAH Address: 555H
Sector-Erase Command Sequence Load data: XXAAH Address: 555H
Block-Erase Command Sequence Load data: XXAAH Address: 555H
Load data: XX55H Address: 2AAH
Load data: XX55H Address: 2AAH
Load data: XX55H Address: 2AAH
Load data: XX80H Address: 555H
Load data: XX80H Address: 555H
Load data: XX80H Address: 555H
Load data: XXAAH Address: 555H
Load data: XXAAH Address: 555H
Load data: XXAAH Address: 555H
Load data: XX55H Address: 2AAH
Load data: XX55H Address: 2AAH
Load data: XX55H Address: 2AAH
Load data: XX10H Address: 555H
Load data: XX50H Address: SAX
Load data: XX30H Address: BAX
Wait TSCE
Wait TSE
Wait TBE
Chip erased to FFFFH
Sector erased to FFFFH
Block erased to FFFFH
1299 F25.0
Note: X can be VIL or VIH, but no other value.
FIGURE 27: Erase Command Sequence
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
34
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
Concurrent Operation Load SDP Command Sequence
Flash Program/Erase Initiated
Wait for End of Write Indication
Read or Write PSRAM
End Wait
Flash Operation Completed
End Concurrent Operation
1299 F26.0
FIGURE 28: Concurrent Operation Flowchart
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
35
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
PRODUCT ORDERING INFORMATION
Device SST32HF64A2 Speed 70 Suffix1 4E Suffix2 XXXX Environmental Attribute E1 = non-Pb Package Modifier S = 64 ball positions P = 56 ball positions Package Type L2 = LFBGA (8mm x 10mm x 1.4mm, 0.40mm ball size) L1 = LFBGA (8mm x 10mm x 1.4mm, 0.45mm ball size) Temperature Range E = Extended = -20C to +85C Minimum Endurance 4 = 10,000 cycles Read Access Speed 70 = 70 ns Hardware Block Protection 2 = Top Boot Block PSRAM Density A = 16 Mbit Flash Density 64 = 64 Mbit Voltage H = 2.7-3.3V Product Series 32 = MPF+ + PSRAM ComboMemory
1. Environmental suffix "E" denotes non-Pb solder. SST non-Pb solder devices are "RoHS Compliant".
Valid combinations for SST32HF64A2 SST32HF64A2-70-4E-L2SE SST32HF64A2-70-4E-L1PE
Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales representative to confirm availability of valid combinations and to determine availability of new combinations.
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
36
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
PACKAGING DIAGRAMS
TOP VIEW
10.00 0.10
BOTTOM VIEW
7.20 0.80 0.40 0.05 (64X) 8 7 6 8.00 0.10 5.60 5 4 3 2 1 0.80
8 7 6 5 4 3 2 1
ABCDEFGHJK A1 CORNER
KJHGFEDCBA A1 CORNER
SIDE VIEW
1.30 0.10
0.12 SEATING PLANE Note: 1. 2. 3. 4. 0.32 0.05
1mm
Although many dimensions are similar to those of JEDEC Publication 95, MO-210, this specific package is not registered. All linear dimensions are in millimeters. Coplanarity: 0.12 mm 64-lfbga-L2S-8x10-400mic-2.0 Ball opening size is 0.32 mm ( 0.05 mm)
FIGURE 29: 64-Ball Low-profile, Fine-pitch Ball Grid Array (LFBGA) 8mm x 10mm SST Package Code: L2S
(c)2006 Silicon Storage Technology, Inc.
S71299-02-000
11/06
37
Multi-Purpose Flash Plus + PSRAM ComboMemory SST32HF64A2
Preliminary Specifications
TOP VIEW
10.00 0.20
BOTTOM VIEW
5.60 0.80
8 7 6 5 4 3 2 1
0.80 ABCDEFGH A1 CORNER 1.30 0.10 HGFEDCBA 8.00 0.20 5.60
8 7 6 5 4 3 2 1
0.45 0.05 (56X) A1 CORNER
SIDE VIEW
1mm
SEATING PLANE 0.35 0.05 Note: 1. 2. 3. 4.
0.12
Although many dimensions are similar to those of JEDEC Publication 95, MO-210, this specific package is not registered. All linear dimensions are in millimeters. Coplanarity: 0.12 mm Ball opening size is 0.38 mm ( 0.05 mm) 56-lfbga-L1P-8x10-450mic-4
FIGURE 30: 56-Ball Low-profile, Fine-pitch Ball Grid Array (LFBGA) 8mm x 10mm SST Package Code: L1P TABLE 15: Revision History
Number 00 Description Date Dec 2005
* * *
Initial Release of S71299 Includes 64 MB devices and extended temperature MPNs previously released in data sheets S71260 and S71261 Removed 63-Ball Low-Profile, Fine-Pitch Ball Grid Array (LFBGA) 8mm x 10mm Changed ISB max limits to 135 A in DC Operating Characteristics Table 7 page 13 Removed SST32HF64A1, SST32HF64B1, and SST32HF64B2 (These part numbers were never produced.) Added 56-Ball Low-Profile, Fine-Pitch Ball Grid Array (LFBGA) 8mm x10mm Revised AMS to A0 and AMSS to A0 in Pin Assignment Table 4 Edited Note 1 for Pin Assignment Table 4
01 02
* * * * *
Apr 2006 Nov 2006
Silicon Storage Technology, Inc. * 1171 Sonora Court * Sunnyvale, CA 94086 * Telephone 408-735-9110 * Fax 408-735-9036 www.SuperFlash.com or www.sst.com
(c)2006 Silicon Storage Technology, Inc. S71299-02-000 11/06
38


▲Up To Search▲   

 
Price & Availability of SST32HF64A2-70-4E-L2SE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X